PART |
Description |
Maker |
NAND01G-B |
1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
|
STMicroelectronics
|
V23832-R111-M101 V23832-R311-M101 V23832-R511-M101 |
PAROLI 2 Tx AC, 1.6 Gbit/s Parallel Optical Links (PAROLI) - PAROLI?2 Tx AC, 1.6 Gbit/s, multistandard electrical interface Parallel Optical Links (PAROLI) - PAROLI?2 Rx AC, 1.6 Gbit/s, PAROLI 2 Tx AC/ 2.7 Gbit/s PAROLI 2 Tx AC/ 1.25 Gbit/s PAROLI 2 Tx AC/ 1.6 Gbit/s
|
Infineon Technologies AG
|
M58PV001LE96ZB5 M58PR001LE M58PR001LE96ZB5 M58PR25 |
256-Mbit, 512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
NAND08GW3B2CN1E NAND08GW3B2CN1F NAND08GW3B2CN6E NA |
4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
|
Numonyx B.V
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
IDT728980 IDT728980J IDT728980J8 |
256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 5.0V TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
|
IDT[Integrated Device Technology]
|
IDT72V8985 IDT72V8985DB IDT72V8985J IDT72V8985PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
V23818-K15-L46 V23818-K15-L16 |
Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector 纤巧单模1300纳米1.0625 Gbit / s的光纤通道1.25千兆以太网收发器2x5/2x10的LC连接器钢
|
Infineon Technologies AG
|
V23848-M15-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector iSFP -智能小型可插1.25千兆以太.125/1.0625 Gbit / s的与LC连接器单模光纤通道收发1310纳米
|
Infineon Technologies AG
|
HDMP-3268 |
HDMP-3268 · 3.2 GBit/sec 68 x 68 Digital Crosspoint Switch 3.2 Gbit/sec 68x68 Crosspoint Switch
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
NAND02G-B2C NAND02GR3B2BZA1E NAND02GR4B2BZA1F NAND |
1千兆2千兆位,2112 Byte/1056字的页面.8V/3VNAND闪存 1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory 1千兆千兆位,2112 Byte/1056字的页面.8V/3V,NAND闪存
|
意法半导 STMicroelectronics N.V.
|